PART |
Description |
Maker |
AM27C128 AM27C128-120 AM27C128-120DC AM27C128-120D |
112dB 192kHz 24-BIT SCH DAC 128 Kilobit (16 K x 8-Bit) CMOS EPROM Octal D-Type Flip-Flops With Clear 20-PDIP 0 to 70 112dB 192kHz 24-BIT SCH DAC 16K X 8 UVPROM, 90 ns, CDIP28 112dB 192kHz 24-BIT SCH DAC 16K X 8 UVPROM, 120 ns, CDIP28 112dB 192kHz 24-BIT SCH DAC 16K X 8 UVPROM, 55 ns, CDIP28 112dB 192kHz 24-BIT SCH DAC 16K X 8 OTPROM, 90 ns, PDIP28 Quad 2-input exclusive-NOR gates with open collector outputs 14-SO 0 to 70 16K X 8 OTPROM, 120 ns, PDIP28 112dB 192kHz 24-BIT SCH DAC 16K X 8 OTPROM, 120 ns, PQCC32 112dB 192kHz 24-BIT SCH DAC 一一二分92kHz4位三星援 Quad /S-/R latches 16-SOIC 0 to 70 一一二分92kHz4位三星援 112dB 192kHz 24-BIT SCH DAC 16K X 8 UVPROM, 250 ns, CDIP28 Triple 3-input positive-NOR gates 14-SOIC 0 to 70
|
AMD[Advanced Micro Devices] Advanced Micro Devices, Inc. ADVANCED MICRO DEVICES INC
|
M5289 M5285 M5293 M5295 M5283 M5304 M5299 M5292 M5 |
Current Limiter Diode 4.3 mA, SILICON, CURRENT REGULATOR DIODE JIGH RELIABILITY CURRENT REGULATOR DIODES JIGH可靠性电流调节二极管 HEADER STRAIGHT 34 WAY HEADER STRAIGHT 60 WAY 5V Adjustable, 10W, CMOS, Step-Up, Switching Regulator Controller HEADER R/A 50 WAY Dual/Triple Ultra-Low-Voltage SOT23 µP Supervisory Circuits HEADER STRAIGHT 50 WAY HIGH RELIABILITY CURRENT REGULATOR DIODES 1.5 mA, SILICON, CURRENT REGULATOR DIODE, DO-35
|
MICROSEMI CORP-SCOTTSDALE Microsemi, Corp. MICROSEMI[Microsemi Corporation]
|
MAX4173TESA MAX4173HESA MAX4173FESA MAX4173FEUTT M |
Low-Cost, SOT23, Voltage-Output, High-Side Current-Sense Amplifier 420μA Supply Current
|
Maxim Integrated Products
|
BAP64-06 |
Silicon PIN diode BAP64-06<SOT23 (SOT23)|<<http://www.nxp.com/packages/SOT23.html<1<week 34, 2003,;
|
NXP Semiconductors N.V.
|
ISOPAC01 ISOPAC0103 ISOPAC0104 ISOPAC0111 ISOPAC01 |
High Current High density Isolated Silicon Power Rectifier(????靛?600V锛?ぇ?垫?锛??瀵?害锛??绂诲?锛??????存??? High Current High density Isolated Silicon Power Rectifier(????靛?1000V锛?ぇ?垫?锛??瀵?害锛??绂诲?纭?????娴??) High-Current Isolated Rectifier Assemblies. 150 V-1000 V. 10 nS - 2 microseconds 大电流隔离整流器大会150 V000五,10纳秒- 2微秒 HIGH CURRENT ISOLATED RECTIFIER ASSEMBLY High Current High density Isolated Silicon Power Rectifier(????靛?1000V锛?ぇ?垫?锛??瀵?害锛??绂诲?锛??????存???
|
International Rectifier, Corp. Semtech Corporation
|
D555 ALD555 ALD555DA ALD555PA ALD555SA |
high speed cmos timer 高CMOS计时 112dB 192kHz 24-BIT SCH DAC
|
Advanced Linear Devices, Inc. ALD[Advanced Linear Devices]
|
FMMT597 FMMT597TA |
SOT23 PNP SILICON PLANAR SOT23 PNP SILICON PLANAR HIGH VOLTAGE TRANSISTOR
|
Diodes Incorporated
|
ZXTP25040DFL ZXTP25040DFLTA |
40V, SOT23, PNP low power transistor Advanced process capability has been used to achieve high current gain
|
ZETEX[Zetex Semiconductors] Zetex Inc.
|
BCP49 Q62702-C2137 BCP29 Q62702-C2136 |
From old datasheet system NPN Silicon Darlington Transistors (For general AF applications High collector current High current gain)
|
SIEMENS[Siemens Semiconductor Group]
|
BAS19 BAS21 |
SOT23 SILICON HIGH SPEED SWITCHING DIODE
|
Zetex Semiconductors
|